Part Number Hot Search : 
LM12S02 1N4001 AD977 MC3503D TZ3020A 01118 125HS AEXXXX
Product Description
Full Text Search
 

To Download UGF1004GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - ul recognized file # e-326243 - high efficiency, low vf - high current capability - high reliability - high surge current capability - halogen-free according to iec 61249-2-21 definition v rrm v v rms v v dc v i f(av) a trr ns r jc o c/w t j o c t stg o c document number ds_d1309053 version:a13 UGF1004GA thru ugf1008g a taiwan semiconductor isolated ultra fast rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mounting torque 5 in-lbs maximum weight 1.7 gram (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) ito-220ab mechanical data case ito-220ab molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free, rohs compliant terminal matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test polarity as marked 1.70 maximum dc blocking voltage maximum average forward rectified current 10 maximum repetitive peak reverse voltage maximum rms voltage 500 600 140 210 25 v maximum instantaneous forward voltage (note 2) if= 5 a v f peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 70 a 0.95 1.25 - 55 to + 150 - 55 to + 175 - 55 to + 150 ua 100 maximum reverse current @ rated vr t j =25 t j =125 i r 10 maximum reverse recovery time (note 2) 20 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 200 300 400 typical thermal resistance 6.0 operating junction temperature range storage temperature range - 55 to + 175 280 350 420 200 300 400 500 600 unit ugf 1005ga ugf 1006ga ugf 1007ga ugf 1008ga parameter symbol ugf 1004ga
part no. part no. UGF1004GA UGF1004GA (ta=25 unless otherwise noted) document number ds_d1309053 version:a13 green compound description 50 / tube packing UGF1004GA thru ugf1008g a taiwan semiconductor ordering information packing code green compound code package ugf100xga (note 1) c0 suffix "g" ito-220ab note 1: "xx" defines voltage from 200v (UGF1004GA) to 600v (ugf1008ga) example preferred p/n packing code green compound code UGF1004GA c0 c0 UGF1004GA c0g c0 g ratings and characteristics curves 0 2 4 6 8 10 12 0 255075100125150175 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductive load with heatsink ugf1007ga-08ga UGF1004GA-06ga 0 20 40 60 80 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics tj = 25 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics tj=25 tj=125 04ga 05ga-06ga 07ga-08ga
min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code document number ds_d1309053 version:a13 marking diagram UGF1004GA thru ugf1008g a taiwan semiconductor package outline dimensions dim. unit(mm) unit(inch) 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of UGF1004GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X